công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BWSH02 bảng dữ liệu(PDF) 2 Page - Bellnix Co.,Ltd.

tên linh kiện BWSH02
Giải thích chi tiết về linh kiện  Contactless power supply module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BELLNIX [Bellnix Co.,Ltd.]
Trang chủ  http://www.bellnix.com/
Logo BELLNIX - Bellnix Co.,Ltd.

BWSH02 bảng dữ liệu(HTML) 2 Page - Bellnix Co.,Ltd.

  BWSH02 Datasheet HTML 1Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 2Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 3Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 4Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 5Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 6Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 7Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 8Page - Bellnix Co.,Ltd. BWSH02 Datasheet HTML 9Page - Bellnix Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Contactless power supply module
BWS Series
2
Bellnix
AC-DC Converter
BWS20170519_C01
2-3. Components of power transmitting module (BWS50-28S1R5T)
・Inverter circuit
:
Inverter circuit for BWS50-28S1R5
・Harness for connection to PFC circuit: BWSH02
・Power transmitting transformer : Power transmitting transformer for BWS50-28S1R5
2-4. Components of power receiving module (BWS50-28S1R5T)
・Rectifier circuit + CCCV circuit : Rectifier circuit + CCCV circuit for BWS50-28S1R5
・harness for DC (28.7V) output
:
BWSH03
・Power receiving transformer
:
Power receiving transformer
for BWS50-28S1R5
2-5. Conversion method :
AC/DC
2-6. Cooling method
:
Natural cooling
2-7. Environmental standard
: RoHS compliant
3. Environmental conditions
3-1.Operating environment
3-1-1.Temperature range: [-20°C~+50°C] (the ambient temperature)
3-1-2. Humidity range: [20%R.H.~95%R.H.] (max wet bulb temperature 35°C without compensation)
3-2. Storage environment
3-2-1.Temperature range: [-30°C~+85°C] (the ambient temperature)
3-2-2. Humidity range: [20%R.H.~95%R.H.] (max wet bulb temperature 35°C without compensation)
4. Input specifications
(*Measured at room temperature and distance between transmitting and receiving transformers 0mm,
unless otherwise specified.)
4
–1.Input voltage: Rated input voltage [AC100/200V] (single phase)
Input voltage range [AC85V~AC264V] (single phase)
Input frequency [50/60Hz] (single phase)
4-2. Input current: For AC100V input voltage [PFC module 0.7A max. ] (for rated load, gap 10mm)
[Power transmitting module 0.2A max.] (for rated load, gap 10mm)*1
*1
The input current of the power transmitting module when PFC module is connected
4-3. Efficiency: For AC 100V input voltage [PFC module 93%typ. ] (for rated load)*2
[power transmitting and receiving modules 81%typ. ] (for rated load) *3
*2
PFC output power÷PFC input power
*3
Receiving module output power ÷ transmitting module input power
4-4. Instantaneous input interruption: For AC100V input voltage [10ms max.] (for maximum load, no
failures)
4-5. Power factor: For AC100V input [0.97 typ.]
(for rated load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com