công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4PC bảng dữ liệu(PDF) 45 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4PC
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4PC bảng dữ liệu(HTML) 45 Page - ATMEL Corporation

Back Button AT90LS8535-4PC Datasheet HTML 41Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 42Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 43Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 44Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 45Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 46Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 47Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 48Page - ATMEL Corporation AT90LS8535-4PC Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
45
AT90S/LS8535
1041H–11/01
Timer/Counter2 in PWM Mode
When the PWM mode is selected, Timer/Counter2 and the Output Compare Register
(OCR2) form an 8-bit, free-running, glitch-free and phase correct PWM with outputs on
the PD7(OC2) pin. Timer/Counter2 acts as an up/down counter, counting up from $00 to
$FF, where it turns and counts down again to zero before the cycle is repeated. When
the counter value matches the contents of the Output Compare Register, the PD7(OC2)
pin is set or cleared according to the settings of the COM21/COM20 bits in the
Timer/Counter2 Control Register (TCCR2). Refer to Table 19 for details.
Note that in PWM mode, the Output Compare Register is transferred to a temporary
location when written. The value is latched when the Timer/Counter reaches $FF. This
prevents the occurrence of odd-length PWM pulses (glitches) in the event of an unsyn-
chronized OCR2 write. See Figure 35 for an example.
Figure 35. Effects of Unsynchronized OCR Latching
During the time between the write and the latch operation, a read from OCR2 will read
the contents of the temporary location. This means that the most recently written value
always will read out of OCR2.
When the OCR register (not the temporary register) is updated to $00 or $FF, the PWM
output changes to low or high immediately according to the settings of COM21/COM20.
This is shown in Table 20.
Table 19. Compare Mode Select in PWM Mode
COM21
COM20
Effect on Compare Pin
0
0
Not connected
0
1
Not connected
1
0
Cleared on compare match, up-counting. Set on compare match, down-
counting (non-inverted PWM).
1
1
Cleared on compare match, down-counting time-out. Set on compare
match, up-counting (inverted PWM).
Table 20. PWM Outputs OCR2 = $00 or $FF
COM21
COM20
OCR2
Output PWM2
10
$00
L
Counter Value
Compare Value
PWM Output
Synchronized OCR Latch
Counter Value
Compare Value
PWM Output
Unsynchronized OCR Latch
Glitch
Compare Value changes
Compare Value changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com