| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM393DRE4 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM393DRE4 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 46 page ![]() Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM2903VQPWRG4 TSSOP PW 8 2000 367.0 367.0 35.0 LM293ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM293ADR SOIC D 8 2500 340.5 338.1 20.6 LM293ADR SOIC D 8 2500 364.0 364.0 27.0 LM293ADR SOIC D 8 2500 367.0 367.0 35.0 LM293ADR SOIC D 8 2500 333.2 345.9 28.6 LM293ADRG4 SOIC D 8 2500 340.5 338.1 20.6 LM293ADRG4 SOIC D 8 2500 367.0 367.0 35.0 LM293DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM293DR SOIC D 8 2500 367.0 367.0 35.0 LM293DR SOIC D 8 2500 364.0 364.0 27.0 LM293DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM293DRG4 SOIC D 8 2500 367.0 367.0 35.0 LM293DRG4 SOIC D 8 2500 340.5 338.1 20.6 LM393ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM393ADR SOIC D 8 2500 367.0 367.0 35.0 LM393ADR SOIC D 8 2500 333.2 345.9 28.6 LM393ADR SOIC D 8 2500 364.0 364.0 27.0 LM393ADR SOIC D 8 2500 340.5 338.1 20.6 LM393ADRG4 SOIC D 8 2500 367.0 367.0 35.0 LM393ADRG4 SOIC D 8 2500 340.5 338.1 20.6 LM393APWR TSSOP PW 8 2000 367.0 367.0 35.0 LM393APWR TSSOP PW 8 2000 364.0 364.0 27.0 LM393APWRG4 TSSOP PW 8 2000 367.0 367.0 35.0 LM393BIDR SOIC D 8 2500 340.5 338.1 20.6 LM393DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM393DR SOIC D 8 2500 340.5 338.1 20.6 LM393DR SOIC D 8 2500 367.0 367.0 35.0 LM393DRG3 SOIC D 8 2500 333.2 345.9 28.6 LM393DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM393DRG4 SOIC D 8 2500 367.0 367.0 35.0 LM393DRG4 SOIC D 8 2500 340.5 338.1 20.6 LM393PWR TSSOP PW 8 2000 364.0 364.0 27.0 LM393PWR TSSOP PW 8 2000 367.0 367.0 35.0 LM393PWRG3 TSSOP PW 8 2000 364.0 364.0 27.0 LM393PWRG4 TSSOP PW 8 2000 367.0 367.0 35.0 PACKAGE MATERIALS INFORMATION www.ti.com 26-Dec-2019 Pack Materials-Page 4 |