| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X5083PI bảng dữ liệu(PDF) 3 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
X5083PI bảng dữ liệu(HTML) 3 Page - Intersil Corporation |
|
3 / 20 page ![]() 3 FN8127.2 September 16, 2005 Ordering Information PART NUMBER RESET (ACTIVE LOW) PART MARKING VCC RANGE (V) VTRIP RANGE TEMPERATURE RANGE (°C) PACKAGE X5083P-4.5A X5083P AL 4.5-5.5 4.5-4.75 0 to 70 8 Ld PDIP X5083PI-4.5A X5083P AM -40 to 85 8 Ld PDIP X5083S8-4.5A X5083 AL 0 to 70 8 Ld SOIC X5083S8Z-4.5A (Note) X5083 Z AL 0 to 70 8 Ld SOIC (Pb-free) X5083S8I-4.5A* X5083 AM -40 to 85 8 Ld SOIC X5083S8IZ-4.5A* (Note) X5083 Z AM -40 to 85 8 Ld SOIC (Pb-free) X5083V8-4.5A 583AL 0 to 70 8 Ld TSSOP X5083V8I-4.5A 583AM -40 to 85 8 Ld TSSOP X5083P X5083P 4.5-5.5 4.25-4.5 0 to 70 8 Ld PDIP X5083PI X5083P I -40 to 85 8 Ld PDIP X5083SI X5083 I -40 to 85 8 Ld SOIC X5083S8 X5083 0 to 70 8 Ld SOIC X5083S8Z (Note) X5083 Z 0 to 70 8 Ld SOIC (Pb-free) X5083S8I* X5083 I -40 to 85 8 Ld SOIC X5083S8IZ* (Note) X5083 Z I -40 to 85 8 Ld SOIC (Pb-free) X5083V8 X583 0 to 70 8 Ld TSSOP X5083V8I 583I -40 to 85 8 Ld TSSOP X5083P-2.7A X5083P AN 2.7-5.5 2.85-3.0 0 to 70 8 Ld PDIP X5083PI-2.7A X5083P AP -40 to 85 8 Ld PDIP X5083S8-2.7A X5083 AN 0 to 70 8 Ld SOIC X5083S8Z-2.7A (Note) X5083 Z AN 0 to 70 8 Ld SOIC (Pb-free) X5083S8I-2.7A X5083 AP -40 to 85 8 Ld SOIC X5083S8IZ-2.7A (Note) X5083 Z AP -40 to 85 8 Ld SOIC (Pb-free) X5083V8-2.7A 583AN 0 to 70 8 Ld TSSOP X5083V8I-2.7A 583AP -40 to 85 8 Ld TSSOP X5083P-2.7 X5083P F 2.7-5.5 2.55-2.7 0 to 70 8 Ld PDIP X5083PI-2.7 X5083P G -40 to 85 8 Ld PDIP X5083S8-2.7* X5083 F 0 to 70 8 Ld SOIC X5083S8Z-2.7* (Note) X5083 Z F 0 to 70 8 Ld SOIC (Pb-free) X5083S8I-2.7* X5083 G -40 to 85 8 Ld SOIC X5083S8IZ-2.7* (Note) X5083 Z G -40 to 85 8 Ld SOIC (Pb-free) X5083V8-2.7 583F 0 to 70 8 Ld TSSOP X5083V8I-2.7 583G -40 to 85 8 Ld TSSOP X5083V8IZ-2.7 (Note) -40 to 85 8 Ld TSSOP (Pb-free) NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. *Add "-T1" suffix for tape and reel. X5083 |