công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAM-3 bảng dữ liệu(PDF) 2 Page - Mini-Circuits

tên linh kiện SAM-3
Giải thích chi tiết về linh kiện  FREQUENCY MIXERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SAM-3 bảng dữ liệu(HTML) 2 Page - Mini-Circuits

  SAM-3 Datasheet HTML 1Page - Mini-Circuits SAM-3 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Design Engineers Search Engine
Provides Actual Data Instantly
At:
http://www.minicircuits.com
In Stock... Immediate Delivery
For Custom Versions Of Standard Models
Consult Our Applications Dept.
Mini-Circuits
®
®
pin connections see case style outline drawings
PORT
d
e
f
j
m
p
s
w
z
aa
ab
LO
88888
8
1
1
4
11
RF
1
1
1
3,4^
1
2
8
4
1
4
3
IF
3,4^
3,4^
3,4^
1
3
5,6^
3
5
2
2
2
GND EXT.
2,5,6,7
2,5,6,7
2,5,6,7
2,5,6,7
2,5,6,7
1,3,4,7 2,5,6,7
2,3,6
3
3
4
CASE GND
—
2
2,5,6,7
2,5,6,7
2,5,6,7
3,4,7
2,5,6,7
—
3
3
4
NOT USED
————
4
—
4
—
—
—
—
^ pins must be connected together externally
TAK-5*
.01-250
DC-250
4.65
.02
7.0
8.5
60 50
50 35
40 35
55
45
45
30
35 25
A04
e
22.95
TAK-6
.5-600
DC-600
5.58
.04
7.5
8.5
60 50
50 30
40 25
55
45
45
30
30 20
A04
e
22.95
TSM-3
.1-500
DC-500
4.75
.04
7.5
8.5
60 50
50 35
35 25
55
45
45
30
35 25
A11
e
23.95
TFM-2
1-1000
DC-1000
5.74
.07
7.5
8.5
50 45
40 25
30 25
45
40
35
25
25 18
B02
z
14.95
= TFM-3ll
0.04-400
DC-400
4.70
.06
7.0
8.0
60 50
50 35
35 25
55
40
45
30
35 25
B02
z
23.45
= TFM-4
5-1250
DC-1250
6.47
.05
7.5
8.5
50 45
40 30
30 25
45
40
35
25
25 20
B02
z
25.45
TFM-11
1-2000
5-600
7.16
.07
8.5
9.0
50 45
35 25
25 20
45
40
27
20
25 20
B13
z
48.95
TFM-12
800-1250
50-90
5.71
.14
—
7.5
35 25
35 25
35 25
30
20
30
20
30 20
B13
z
48.95
TFM-2400
750-2400
DC-400
6.65
.20
—
9.0
30 20
30 20
30 20
30
10
30
10
30 10
B13
aa
30.95
TFM-4300
300-4300
DC-800
5.87
.13
—
10.5
30 20
— —
30 17
15
7
—
—
10
7
B13
aa
40.95
o TUF-1
2-600
DC-600
5.85
.04
7.0
8.0
60 50
42 30
37 25
60
45
47
30
36 22
B02
z
5.25
o TUF-2
50-1000
DC-1000
5.85
.07
7.5
9.0
58 40
47 30
42 25
50
35
44
20
29 18
B02
z
6.20
o TUF-3
0.15-400
DC-400
4.7
.02
7.0
8.0
60 50
46 30
35 25
60
40
47
25
35 20
B02
z
7.05
o TUF-5
20-1500
DC-1000
5.7
.04
9.0
9.0
54 40
42 30
39 25
40
25
32
18
23
8
B02
z
10.45
TAK
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
93
+7 dBm LO, up to +1 dBm RF
TUF
TFM
TSM
C
O
N
N
E
C
T
I
O
N
L
Typ. Min.
M
Typ. Min.
LO-RF ISOLATION, dB LO-IF ISOLATION, dB
U
Typ. Min.
CASE
STYLE
Qty.
(1-9)
PRICE
$
L
Typ. Min.
Total
Range
Max.
CONVERSION LOSS
dB
Max.
σσσσσ
Mid-Band
m
FREQUENCY
MHz
IF
LO/RF
f
L-fU
MODEL
NO.
U
Typ. Min.
M
Typ. Min.
_
x
Note B



Html Pages

1 2