| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST92195D bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195D bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 249 page ![]() 36/249 ST92195C/D - DEVICE ARCHITECTURE 2.4 MEMORY ORGANIZATION Code and data are accessed within the same line- ar address space. All of the physically separate memory areas, including the internal ROM, inter- nal RAM and external memory are mapped in a common address space. The ST9 provides a total addressable memory space of 4 Mbytes. This address space is ar- ranged as 64 segments of 64 Kbytes; each seg- ment is again subdivided into four 16 Kbyte pages. The mapping of the various memory areas (inter- nal RAM or ROM, external memory) differs from device to device. Each 64-Kbyte physical memory segment is mapped either internally or externally; if the memory is internal and smaller than 64 Kbytes, the remaining locations in the 64-Kbyte segment are not used (reserved). Refer to the Register and Memory Map Chapter for more details on the memory map. |