| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1751358 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
1751358 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT |
|
2 / 5 page ![]() MKDS 1/13-3,5 Order No.: 1751358 http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1751358 PHOENIX CONTACT Inc., USA Page 2 / 5 http://www.phoenixcon.com Jan 19, 2011 Number of positions 13 Pin dimensions 0,5 x 0,9 mm Hole diameter 1.1 mm Screw thread M2 Tightening torque, min 0.22 Nm Tightening torque max 0.25 Nm Technical data Range of articles MKDS 1 Insulating material group I Rated surge voltage (III/3) 2.5 kV Rated surge voltage (III/2) 2.5 kV Rated surge voltage (II/2) 2.5 kV Rated voltage (III/2) 200 V Rated voltage (II/2) 400 V Connection in acc. with standard EN-VDE Nominal current IN 10 A Nominal voltage UN 160 V Nominal cross section 1 mm² Maximum load current 12 A Insulating material PA Inflammability class acc. to UL 94 V0 Stripping length 5 mm Nominal voltage, UL/CUL Use Group B 300 V Nominal current, UL/CUL Use Group B 10 A Nominal voltage, UL/CUL Use Group D 300 V Nominal current, UL/CUL Use Group D 10 A Connection data Conductor cross section solid min. 0.14 mm² Conductor cross section solid max. 1.5 mm² Conductor cross section stranded min. 0.14 mm² Conductor cross section stranded max. 1 mm² Conductor cross section stranded, with ferrule without plastic sleeve min. 0.25 mm² Conductor cross section stranded, with ferrule without plastic sleeve max. 0.5 mm² |