công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S5KBF bảng dữ liệu(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

tên linh kiện S5KBF
Giải thích chi tiết về linh kiện  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Trang chủ  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

S5KBF bảng dữ liệu(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  S5KBF Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd S5KBF Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd S5KBF Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
DN:T19613A0
https://www.microdiode.com
Rev:2019A0
Page :1
S5ABF THRU S5MBF
Features
For surface mounted applications
Low profile package
Glass Passivated Chip Junction
Easy to pick and place
Lead free in comply with EU RoHS 2011/65/EU diretives
Dimensions in inches and (millimeters)
Reverse Voltage - 50 to 1000 Volts Forward Current - 5.0 Ampere
SM
BF
0.216(5.50)
0.200(5.10)
0.048(1.20)
0.031(0.80)
0.010(0.26)
0.007(0.18)
0.051(1.30)
0.043(1.10)
0.173(4.40)
0.165(4.20)
0.086 (2.20)
0.075 (1.90)
0.146(3.70)
0.138(3.50)
Mechanical Data
Case
: JEDEC
B molded plastic body
Terminals
: Solderable per MIL-STD-750,Method 2026
Polarity
: Polarity symbol marking on body
Mounting Position
: Any
Weight
: 0.002 ounce, 0.057 grams
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Ratings And Electrical Characteristics
Parameter
SYMBOLS
S5ABF S5BBF S5DBF
S5GBF
S5JBF
S5KBF
S5MBF
UNITS
Marking Code
MDD
S5AB
F
MDD
S5BB
F
MDD
S5DB
F
MDD
S5GB
F
MDD
S5JB
F
MDD
S5KB
F
MDD
S5MB
F
Maximum repetitive peak reverse voltage
VRMM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TL=65℃
I(AV)
5.0
A
Peak forward surge current
8.3ms single half sine-wave
superimposed onrated load (JEDEC Method)
IFSM
150
A
Maximum instantaneous forward voltage at 5.0A
VF
1.10
V
Maximum DC reverse current
TA=25℃
at rated DCblocking voltage
TA=125℃
IR
5.0
150.0
μA
Typical junction capacitance (NOTE 1)
CJ
45.0
pF
Typical thermal resistance (NOTE 2)
RJA
40.0
℃/
W
Operating junction and storage temperature range TJ,TSTG
-55 to +150
℃
Note:
1.Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
3.The typical data above is for reference only.


Số phần tương tự - S5KBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zibo Seno Electronic En...
S5KBF ZSELEC-S5KBF Datasheet
96Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Microdiode Semiconducto...
S5KBF CHENDA-S5KBF Datasheet
681Kb / 2P
50 to 1000 Vo lts Forward Current - 5.0 Amperes
logo
Galaxy Semi-Conductor H...
S5KBF BILIN-S5KBF Datasheet
473Kb / 4P
Surface Mount Rectifiers
Rev.B
logo
Guangdong Juxing Electr...
S5KBF JUXING-S5KBF Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Yint Electroni...
S5KBF YINT-S5KBF Datasheet
493Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results

Mô tả tương tự - S5KBF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04_10 Datasheet
293Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
FM4001-M CHENDA-FM4001-M Datasheet
133Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CMR2-10 CENTRAL-CMR2-10_15 Datasheet
295Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
SM4001PL CHENDA-SM4001PL Datasheet
593Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
GS3ABF CHENDA-GS3ABF Datasheet
631Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shenzhen Yixinwei Techn...
SM4001PL YIXIN-SM4001PL Datasheet
104Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
1N4001 YIXIN-1N4001_10 Datasheet
148Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
RS2AW CHENDA-RS2AW_V01 Datasheet
932Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
S2ABF CHENDA-S2ABF_V01 Datasheet
867Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
UN Semiconducctor INC
1N4007W UNSEMI-1N4007W Datasheet
2Mb / 4P
Surface Mount General Purpose Silicon Rectifier
Revision March 1,2022
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com