| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RS5KBF bảng dữ liệu(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
|
|||||||||||||||||||||||||||||
RS5KBF bảng dữ liệu(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd |
|
2 / 3 page ![]() Rev:2019A0 Page :2 Ratings And Characteristic Curves https://www.microdiode.com Reverse Voltage - 50 to 1000 Volts Forward Current - 5.0 Ampere RS5ABF THRU RS5MBF The curve above is for reference only. Fig.3 Typical Instaneous Forward 0.5 1.0 1.5 2.0 2.5 0.0 0.01 0.1 1.0 10 Instaneous Forward Voltage (V) Characteristics TJ=25°C pulse with 300μs 1% duty cycle Fig.2 Typical Reverse Characteristics 0.1 1.0 10 100 20 40 60 80 100 120 00 140 percent of Rated Peak Reverse Voltage (%) TJ=125°C TJ=25°C 1.0 10 100 0.1 1 10 100 Reverse Voltage (V) TJ=25°C Fig.4 Typical Junction Capacitance TJ=25 °C f = 1.0MHz Vsig = 50mVp-p 1.0 2.0 3.0 4.0 6.0 0.0 25 50 75 100 125 150 175 Case Temperature ( °C) Fig.1 Maximum Average Forward Current Rating 5.0 Single phase half-wave 60 Hz resistive or inductive load 30 60 90 120 150 180 00 10 100 Fig.5 Maximum Non-Repetitive Peak Forward Surge Current Number of Cycles 8.3 ms Single Half Sine Wave (JEDEC Method) 1 |