| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM358ADE4 bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM358ADE4 bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 56 page ![]() 7 LM158, LM158A, LM258, LM258A LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V www.ti.com SLOS068W – JUNE 1976 – REVISED OCTOBER 2019 Product Folder Links: LM158 LM158A LM258 LM258A LM358 LM358A LM358B LM358BA LM2904 LM2904B LM2904BA LM2904V Submit Documentation Feedback Copyright © 1976–2019, Texas Instruments Incorporated 7.3 Recommended Operating Conditions over operating ambient temperature range (unless otherwise noted) MIN MAX UNIT VS Supply voltage, VS= ([V+] – [V–]) LM358B, LM358BA, LM2904B, LM2904BA 3 36 V LM158, LM258, LM358, LM158A, LM258A, LM358A, LM2904V 3 30 LM2904 3 26 VCM Common-mode voltage V– V+ – 2 V TA Operating ambient temperature LM358B, LM358BA –40 85 °C LM2904B, LM2904BA, LM2904, LM2904V –40 125 LM358, LM358A 0 70 LM258, LM258A –20 85 LM158, LM158A –55 125 (1) For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics. (2) For a listing of which devices are available in what packages, see Device Comparison Table. 7.4 Thermal Information THERMAL METRIC(1) LM258, LM258A, LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V(2) LM158, LM158A UNIT D (SOIC) DGK (VSSOP) P (PDIP) PS (SO) PW (TSSOP) FK (LCCC) JG (CDIP) 8 PINS 8 PINS 8 PINS 8 PINS 8 PINS 20 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 124.7 181.4 80.9 116.9 171.7 84.0 112.4 °C/W RθJC(top) Junction-to-case (top) thermal resistance 66.9 69.4 70.4 62.5 68.8 56.9 63.6 °C/W RθJB Junction-to-board thermal resistance 67.9 102.9 57.4 68.6 99.2 57.5 100.3 °C/W ψJT Junction-to-top characterization parameter 19.2 11.8 40 21.9 11.5 51.7 35.7 °C/W ψJB Junction-to-board characterization parameter 67.2 101.2 56.9 67.6 97.9 57.1 93.3 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance — — — — — 10.6 22.3 °C/W |