công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM358B bảng dữ liệu(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM358B
Giải thích chi tiết về linh kiện  Industry-Standard Dual Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM358B bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button LM358B Datasheet HTML 36Page - Texas Instruments LM358B Datasheet HTML 37Page - Texas Instruments LM358B Datasheet HTML 38Page - Texas Instruments LM358B Datasheet HTML 39Page - Texas Instruments LM358B Datasheet HTML 40Page - Texas Instruments LM358B Datasheet HTML 41Page - Texas Instruments LM358B Datasheet HTML 42Page - Texas Instruments LM358B Datasheet HTML 43Page - Texas Instruments LM358B Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM358DRG4
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
LM358PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWR
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWRG3
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWRG4
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
LM358PWRG4-JF
TSSOP
PW
8
2000
330.0
12.4
7.0
3.6
1.6
8.0
12.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM258ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM258ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM258ADR
SOIC
D
8
2500
333.2
345.9
28.6
LM258ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM258ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM258ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM258ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM258DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM258DR
SOIC
D
8
2500
340.5
338.1
20.6
LM258DR
SOIC
D
8
2500
367.0
367.0
35.0
LM258DR
SOIC
D
8
2500
333.2
345.9
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
28-Dec-2019
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56