| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSC1102AI2-T bảng dữ liệu(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1102AI2-T bảng dữ liệu(HTML) 19 Page - Microchip Technology |
|
19 / 28 page ![]() RECOMMENDED LAND PATTERN Dimension Limits Units Optional Center Pad Width Optional Center Pad Length Contact Pitch Y2 X2 1.90 2.90 MILLIMETERS 2.54 BSC MIN E MAX Contact Pad Length (X6) Contact Pad Width (X6) Y1 X1 1.35 1.50 Microchip Technology Drawing C04-3010A NOM 6-Lead Very Thin Plastic Quad Flat, No Lead Package (H8A) - 7x5 mm Body [VDFN] 12 6 C Contact Pad Spacing 3.70 Contact Pad to Center Pad (X2) G 0.20 Thermal Via Diameter (X6) V Thermal Via Pitch EV 0.33 1.20 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during reflow process 1. 2. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: With 2.8x1.8 mm Exposed Pad C E X1 Y1 X2 Y2 EV EV ØV G SILK SCREEN 2019 Microchip Technology Inc. DS20006254A-page 19 DSC1102/22 |