công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSC1102AI1-T bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện DSC1102AI1-T
Giải thích chi tiết về linh kiện  Low-Jitter Precision LVPECL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1102AI1-T bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button DSC1102AI1-T Datasheet HTML 9Page - Microchip Technology DSC1102AI1-T Datasheet HTML 10Page - Microchip Technology DSC1102AI1-T Datasheet HTML 11Page - Microchip Technology DSC1102AI1-T Datasheet HTML 12Page - Microchip Technology DSC1102AI1-T Datasheet HTML 13Page - Microchip Technology DSC1102AI1-T Datasheet HTML 14Page - Microchip Technology DSC1102AI1-T Datasheet HTML 15Page - Microchip Technology DSC1102AI1-T Datasheet HTML 16Page - Microchip Technology DSC1102AI1-T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
B
A
0.05 C
0.05 C
0.07
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
12
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 1
12
N
0.10 C
0.08 C
Microchip Technology Drawing C04-1007A Sheet 1 of 2
2X
6X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
6-Lead Very Thin Plastic Dual Flatpack No-Lead (H5A) - 3.2x2.5 mm Body [VDFN]
D
E
e
2X b2
4X b1
L
L1
A
A1
 2019 Microchip Technology Inc.
DS20006254A-page 13
DSC1102/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28