| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSC1102 bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1102 bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 28 page ![]() RECOMMENDED LAND PATTERN Dimension Limits Units X1 Contact Pad Width (X4) Contact Pitch MILLIMETERS 1.05 BSC MIN E MAX 1.00 Contact Pad Length (X6) Contact Pad Width (X2) Y X2 0.85 Microchip Technology Drawing C04-3007A NOM 6-Lead Very Thin Plastic Dual Flatpack No-Lead (H5A) - 3.2x2.5 mm Body [VDFN] SILK SCREEN 12 6 C Contact Pad Spacing 1.60 Space Between Contacts (X4) G1 0.25 BSC: Basic Dimension. Theoretically exact value shown without tolerances. Notes: Dimensioning and tolerancing per ASME Y14.5M 1. For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: C E X1 Y X2 G 0.60 2019 Microchip Technology Inc. DS20006254A-page 15 DSC1102/22 |