| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
C430 bảng dữ liệu(PDF) 9 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C430 bảng dữ liệu(HTML) 9 Page - Kemet Corporation |
|
9 / 40 page ![]() KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 9 KEMET ® CERAMIC CONFORMALLY COATED/RADIAL “GOLDEN MAX” Lead Spacing .100" ± .030 Lead Spacing .200" ± .030 Lead Spacing .200" ± .030 Lead Spacing .200" ± .030 Lead Spacing .250" ± .030 Lead Spacing .400" ± .030 .150 MAX. .210 MAX. .276 MIN. .100 C 3 1 5 .150 MAX. .230 MAX. .230 ±.030 .100 C 3 1 6 .200 .200 MAX. .260 MAX. .276 MIN. .200 C 3 2 2 C 3 2 3 .320 MAX. .276 MIN. .200 .200 MAX. .150 MAX. .230 MAX. .276 MIN. .200 C 3 1 7 .150 MAX. .235 MAX. .276 MIN. .200 C 3 1 8 .200 MAX. .325 MAX. .276 MIN. C 3 2 8 .200 .200 MAX. .350 MAX. .230 ±.030 .200 C 3 2 7 .270 .200 MAX. .320 MAX. .276 MIN. .200 C 3 2 5 .300 MAX. .360 MAX. .276 MIN. .250 C 3 3 1 .200 MAX. .260 MAX. .276 MIN. .250 C 3 2 1 .500 MAX. .560 MAX. .276 MIN. .400 C 3 5 0 .500 MAX. .670 MAX. .230 ±.030 C 3 5 6 .400 .520 .400 MAX. .590 MAX. .230 ±.030 .200 C 3 4 6 .320 .400 MAX. .460 MAX. .276 MIN. .200 C 3 4 0 .200 MAX. .260 MAX. .276 MIN. .100 C 3 2 0 .200 MAX. .260 MAX. .276 MIN. .100 C 3 2 4 C 3 2 6 .230 ± .030 .100 .200 .200 MAX. .350 MAX. .300 MAX. .360 MAX. .276 MIN. .200 C 3 3 0 .300 MAX. .390 MAX. .276 MIN. .200 C 3 3 3 .300 MAX. .420 MAX. .276 MIN. .200 C 3 3 5 .300 MAX. .450 MAX. .230 ±.030 .200 C 3 3 6 .300 The preferred lead wire configurations are shown on page 8. However, additional configurations are available. All available options, including those on page 8, are shown below grouped by lead spacing. OPTIONAL CONFIGURATIONS BY LEAD SPACING 0988 Layout rev 8/9/2000 9:54 AM Page 9 |