công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSC1105AI5-T bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện DSC1105AI5-T
Giải thích chi tiết về linh kiện  Low EMI, Low-Jitter Precision CMOS Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1105AI5-T bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button DSC1105AI5-T Datasheet HTML 9Page - Microchip Technology DSC1105AI5-T Datasheet HTML 10Page - Microchip Technology DSC1105AI5-T Datasheet HTML 11Page - Microchip Technology DSC1105AI5-T Datasheet HTML 12Page - Microchip Technology DSC1105AI5-T Datasheet HTML 13Page - Microchip Technology DSC1105AI5-T Datasheet HTML 14Page - Microchip Technology DSC1105AI5-T Datasheet HTML 15Page - Microchip Technology DSC1105AI5-T Datasheet HTML 16Page - Microchip Technology DSC1105AI5-T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005869A-page 13
DSC1105/25
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-1005A Sheet 2 of 2
6-Lead Very Thin Dual Flatpack No-Leads (J7A) - 2.5x2.0 mm Body [VDFN]
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Pitch
Standoff
Units
Dimension Limits
A1
A
b1
e
L2
E
N
0.825 BSC
0.665
0.60
0.80
0.00
0.65
0.765
0.85
0.02
2.00 BSC
MILLIMETERS
MIN
NOM
6
0.865
0.70
0.90
0.05
MAX
Overall Length
D
2.50 BSC
Terminal Length
L1
0.60
0.70
0.80
Terminal Width
b2
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28