| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSC1105AM3-T bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1105AM3-T bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 28 page ![]() 2017 Microchip Technology Inc. DS20005869A-page 21 DSC1105/25 Number of Terminals Overall Height Terminal Width Overall Width Terminal Length Exposed Pad Width Pitch Standoff Units Dimension Limits A1 A b E2 e L E N 2.54 1.70 1.00 1.35 0.80 0.00 1.40 1.10 1.80 0.85 0.02 5.00 BSC MILLIMETERS MIN NOM 6 1.90 1.20 1.45 0.90 0.05 MAX K0.20 REF REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M Terminal-to-Exposed-Pad For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Overall Length Exposed Pad Length D D2 2.70 7.00 BSC 2.80 2.90 Microchip Technology Drawing C04-1010A Sheet 2 of 2 6-Lead Very Thin Plastic Quad Flat, No Lead Package (H8A) - 7x5 mm Body [VDFN] With 2.8x1.8 mm Exposed Pad |