| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSC1105AI3-T bảng dữ liệu(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1105AI3-T bảng dữ liệu(HTML) 5 Page - Microchip Technology |
|
5 / 28 page ![]() 2017 Microchip Technology Inc. DS20005869A-page 5 DSC1105/25 2.0 PIN DESCRIPTIONS The descriptions of the pins are listed in Table 2-1. TABLE 2-1: PIN FUNCTION TABLE Pin Number 7x5 w/ Pad Pin Number 7x5 w/o Pad Pin Number 5x3.2 Pin Number 3.2x2.5 Pin Number 2x2.5 Pin Name Description 11111 EN Enable. 22222 NC Do not connect. 33333 GND Ground. 44444 OUT Output. 55555 NC Do not connect. 66666 VDD Supply voltage. PAD ———— PAD Tie to ground. TABLE 2-2: OUTPUT ENABLE MODES EN Pin DSC1105 DSC1125 High Output Active Output Active NC Output Active Output Active Low Standby Output Disabled |