công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MX98725 bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers

tên linh kiện MX98725
Giải thích chi tiết về linh kiện  SINGLE CHIP FAST ETHERNET NIC CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MX98725 bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MX98725 Datasheet HTML 17Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 18Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 19Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 20Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 21Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 22Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 23Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 24Page - List of Unclassifed Manufacturers MX98725 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
P/N:PM0488
REV. 1.7, SEP. 15, 1998
MX98725
5.2.8 MISSED FRAME COUNTER ( CSR8 )
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Missed Frame Overflow
Missed Frame Counter
Field
Name
Description
16
MFO
Missed Frame Overflow, set when missed frame counter overflows, reset when CSR8 is
read.
15:0
MFC
Missed Frame Counter, indicates the number of frames discarded because no host
receive descriptors were available.
5.2.9 NON-VOLATILE MEMORY CONTROL REGISTER ( CSR9 )
Field
Name
Description
31
LED3SEL
0:Default value. Set LED3 as RX LED.
1: Set LED3 as Full/Half duplex LED.
30
LED2SEL
0:Default value. Set LED2 as Link Speed (10/100) LED.
1: Set LED2 as Collision LED.
29
LED1SEL
0:Default value. Set LED1 as Good Link LED.
1: Set LED1 as Link/Activity LED.
28
LED0SEL
0:Default value. Set LED0 as Activity LED.
1: Set LED0 as Link Speed (10/100) LED.
14
RD
Boot ROM/EEPROM read operation select bit.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
LED2SEL
LED3SEL
BR-Boot ROM Select
Data-Boot ROM data
or Serial ROM control
LED1SEL
LED0SEL
RD-Read Operation
SR-Serial ROM Select
WR-Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33