| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS61581 bảng dữ liệu(PDF) 35 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61581 bảng dữ liệu(HTML) 35 Page - Cirrus Logic |
|
35 / 37 page ![]() CS61581 DS211PP8 35 RDATA - Received Data, Pin 7. Unipolar data (single-line NRZ) data is output on RDATA when TNEG/UBS (pin 4), is held high. In Host Mode, CLKE determines the edge of RCLK on which RDATA is valid. BPV - Bipolar Violation, Pin 6. When pin 4 is held high, received bipolar violations are flagged by BPV (RNEG) going high along with the offending bit output from RDATA. If the B8ZS or HDB3 encoder/decoder is activated, BPV will not flag bipolar violations resulting from valid zero substitutions. TTIP, TRING - Transmit Tip and Ring, Pins 13, 16. The transmit signal to the line is sent out on these pins. They represent the signal driven on TCLK, TPOS, and TNEG (or TDATA). RTIP, RRING - Receive Tip and Ring, Pins 19, 20. The input pins for the receive signal from the line. They recovered clock and data driven on RCLK, RPOS, and RNEG (or RDATA). CS61581 DS211F1 35 |