| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5550 bảng dữ liệu(PDF) 23 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5550 bảng dữ liệu(HTML) 23 Page - Cirrus Logic |
|
23 / 24 page ![]() CS5550 DS630F1 23 small to fit in the AIN Output Register. CRDY Conversion Ready. Indicates a new conversion is ready. OD1, OD2 Modulator oscillation detect. Set when the modulator oscillates due to an input above Full Scale. Note that the level at which the modulator oscillates is significantly higher than the Input Voltage Range. FOR1, FOR2 FILT out of range. Set when the calibrated voltage value is too large for the FILT register. IC Invalid Command. Normally logic 1. Set to logic 0 if the host interface is strobed with an 8-bit word that is not recognized as one of the valid commands (see Section 4.1, Commands). 5.8 Control Register Register Address: 28 Default** = 0x000000 INTOD 1 = Converts INT output to open drain configuration. NOCPU 1 = saves power by disabling the CPUCLK external drive pin. NOOSC 1 = saves power by disabling the crystal oscillator circuit. 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 654 32 10 INTOD NOCPU NOOSC |