| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5510 bảng dữ liệu(PDF) 22 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5510 bảng dữ liệu(HTML) 22 Page - Cirrus Logic |
|
22 / 24 page ![]() CS5510/11/12/13 22 DS337F3 4. SPECIFICATION DEFINITIONS Linearity Error The deviation of a code from a straight line which connects the two end points of the A/D Converter transfer function. One end point is located 1/2 LSB below the first code transition and the other end point is located 1/2 LSB beyond the code transition to all ones. Units in percent of full-scale. Differential Nonlinearity The deviation of a code's width from the ideal width. Units in LSBs. Full Scale Error The deviation of the last code transition from the ideal [{(VREF) - (V-)} - 3/2 LSB]. Units are in LSBs. Bipolar Offset The deviation of the mid-scale transition (111...111 to 000...000) from the ideal (1/2 LSB below the voltage on the AIN- pin). Units are in LSBs.LK |