| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA0102A bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
PCA0102A bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP © Z-Communications, Inc. Page 2 Printed in the U.S.A. PCA0102A VCO POWER CURVE, typ. PAGE 2 PHYSICAL DIMENSIONS SIDE VIEW Bottom View 2 1 12 3 4 5 6 7 8 9 10 11 Top View P1 RF OUTPUT P2 REFERENCE OSCILLATOR INPUT P3 CLOCK P4 DATA P5 LOAD ENABLE P6 LOCK DETECT P7 VCC P8 GROUND P9 NO CONNECTION P10-12 GROUND 1. The inside radius of all 14 half holes at the perimeter of the board are plated to provide a surface for the attachment of the PLL Module to the motherboard. 5 pads are for grounding, 8 pads are for signal interface. 2. The surface of the shield is tin-plated and may be soldered to. The shield's base metal is brass. 3.The ground plane on the bottom side is ground and attaches to a ground track on the top side of the board as well as to the shield. 4. Unless otherwise noted all dimensions are in inches. 5.Unless otherwise noted all tolerances are as follows: .xxx = ± .010 °c 25 VCO TUNING CURVE, typ. TUNING VOLTAGE (Vdc) °c 25 °c °c 70 FREQUENCY (MHz) |