| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L3092N bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3092N bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 32 page ![]() APPENDIX C LAYOUT SUGGESTIONS Standard layout rules should be followewd in or- der to get the best system performances: 1) Use always 100nF filtering capacitor close to the supply pins of each I.C. 2) Connect together BGND and AGND at a low impedance point. (e.g. on a ground plane common to the line card). 3) The L3092 bias resistor (RL) should be connected close to the corresponding pins of L3092 (REF and GND). Avoid any digital line to pass close to REF pin. Eventually screen REF pin with a GND track. L3000N - L3092 27/32 |