công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L3092 bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện L3092
Giải thích chi tiết về linh kiện  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3092 bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button L3092 Datasheet HTML 23Page - STMicroelectronics L3092 Datasheet HTML 24Page - STMicroelectronics L3092 Datasheet HTML 25Page - STMicroelectronics L3092 Datasheet HTML 26Page - STMicroelectronics L3092 Datasheet HTML 27Page - STMicroelectronics L3092 Datasheet HTML 28Page - STMicroelectronics L3092 Datasheet HTML 29Page - STMicroelectronics L3092 Datasheet HTML 30Page - STMicroelectronics L3092 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
APPENDIX C
LAYOUT SUGGESTIONS
Standard layout rules should be followewd in or-
der to get the best system performances:
1) Use always 100nF filtering capacitor close
to the supply pins of each I.C.
2) Connect together BGND and AGND at a
low impedance point. (e.g. on a ground
plane common to the line card).
3) The L3092 bias resistor (RL) should be
connected close to the corresponding pins
of L3092 (REF and GND).
Avoid any digital line to pass close to REF
pin.
Eventually screen REF pin with a GND
track.
L3000N - L3092
27/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32