công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLV0945A bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc

tên linh kiện CLV0945A
Giải thích chi tiết về linh kiện  LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZCOMM [Z-Communications, Inc]
Trang chủ  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

CLV0945A bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc

  CLV0945A Datasheet HTML 1Page - Z-Communications, Inc CLV0945A Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
840
860
880
900
920
940
960
980
1000
1020
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
6
7
854
873
889
905
921
937
954
971
985
998
LOW COST - HIGH PERFORMANCE
VOLTAGE CONTROLLED OSCILLATOR
© Z-Communications, Inc.
Page 2
Printed in the U.S.A.
TUNING CURVE, typ.
POWER CURVE, typ.
PAGE 2
PHYSICAL DIMENSIONS
°c
°c
°c
85
-40
25
°c
25
TABS RANGE:
SEE NOTE 5.
(4 PLACES)
DETAIL A
MINI-14S
415-0060 REV. D
(DRAWING NOT TO SCALE)
SEE DETAIL 'A'
0.475
0.000
0.025
0.500
0.415
0.315
0.215
0.090
0.090
0.215
0.315
0.415
GROUND PLANE SOLDER PLATED
BOTTOM VIEW
P1
P3
P2
P1=VT
P2=RF OUT
P3=Vcc
NOTES:
THE INSIDE RADIUS OF ALL 14 HALF HOLES
AT THE PERIMETER OF THE BOARD ARE
PLATED TO PROVIDE A SURFACE FOR THE
ATTACHMENT OF THE VCO TO A PCB
IN 11 LOCATIONS, WITH 3 PADS BEING
USED FOR ELECTROMECHANICAL INTERFACE.
2. THE SURFACE OF THE SHIELD IS TIN PLATED
AND MAY BE SOLDERED TO. THE SHIELD'S
3. THE GROUND PLANE IS GROUND AND ATTACHES
TO A GROUND TRACK ON THE UPPER SIDE OF
THE BOARD AS WELL AS THE SHIELD BY PTH.
1.
14 SOLDER LOCATIONS REQUIRED.
BASE METAL IS COLD ROLLED STEEL.
.XXX= ± .010
TOLERANCES
4. UNLESS OTHERWISE NOTED ALL DIMENSIONS
ARE IN INCHES.
5. UNLESS OTHERWISE NOTED ALL TOLERANCES
ARE AS FOLLOWS:
.030
SEE NOTE 3
TYPICAL OF ALL PADS
.026
.031
.052
.114
.065
.220
.034
0.000
.070 TYP
.150
TYP
TUNING VOLTAGE (Vdc)
FREQUENCY (MHz)



Html Pages

1 2