| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP5907 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5907 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 19-Dec-2019 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP590712QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D1 LP590713QDQNRQ1 PREVIEW X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D2 LP590715QDQNRQ1 PREVIEW X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D3 LP590718QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D4 LP590722QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 FV LP590725QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D5 LP5907285QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D7 LP590728QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D6 LP590729QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D8 LP590730QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 D9 LP590733QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DA LP590738QDQNRQ1 PREVIEW X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DB LP590745QDQNRQ1 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) CU NIPDAUAG Level-2-260C-1 YEAR -40 to 125 DC LP5907QMFX-1.2Q1 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 RAFQ LP5907QMFX-1.8Q1 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 RAGQ LP5907QMFX-2.5Q1 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 RAJQ LP5907QMFX-2.8Q1 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 RAKQ |