công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T81SM6FT bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện M41T81SM6FT
Giải thích chi tiết về linh kiện  Serial Access Real-Time Clock with Alarms
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81SM6FT bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button M41T81SM6FT Datasheet HTML 11Page - STMicroelectronics M41T81SM6FT Datasheet HTML 12Page - STMicroelectronics M41T81SM6FT Datasheet HTML 13Page - STMicroelectronics M41T81SM6FT Datasheet HTML 14Page - STMicroelectronics M41T81SM6FT Datasheet HTML 15Page - STMicroelectronics M41T81SM6FT Datasheet HTML 16Page - STMicroelectronics M41T81SM6FT Datasheet HTML 17Page - STMicroelectronics M41T81SM6FT Datasheet HTML 18Page - STMicroelectronics M41T81SM6FT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15/29
M41T81S
Setting Alarm Clock Registers
Address locations 0Ah-0Eh contain the alarm set-
tings. The alarm can be configured to go off at a
prescribed time on a specific month, date, hour,
minute, or second or repeat every year, month,
day, hour, minute, or second. It can also be pro-
grammed to go off while the M41T81S is in the
battery back-up mode to serve as a system wake-
up call.
Bits RPT5-RPT1 put the alarm in the repeat mode
of operation. Table 3., page 16 shows the possible
configurations. Codes not listed in the table default
to the once per second mode to quickly alert the
user of an incorrect alarm setting.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT5-RPT1, the AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set (and SQWE is '0.'),
the alarm condition activates the IRQ/FT/OUT/
SQW pin.
Note: If the address pointer is allowed to incre-
ment to the Flags Register address, an alarm con-
dition will not cause the Interrupt/Flag to occur until
the address pointer is moved to a different ad-
dress. It should also be noted that if the last ad-
dress written is the “Alarm Seconds,” the address
pointer will increment to the Flag address, causing
this situation to occur.
The IRQ/FT/OUT/SQW output is cleared by a
READ to the Flags Register as shown in Figure
14. A subsequent READ of the Flags Register is
necessary to see that the value of the Alarm Flag
has been reset to '0.'
The IRQ/FT/OUT/SQW pin can also be activated
in the battery back-up mode. The IRQ/FT/OUT/
SQW will go low if an alarm occurs and both ABE
(Alarm in Battery Back-up Mode Enable) and AFE
are set. Figure 15 illustrates the back-up mode
alarm timing.
Figure 14. Alarm Interrupt Reset Waveform
Figure 15. Back-up Mode Alarm Waveform
IRQ/FT/OUT/SQW
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z
AI04617
VCC
IRQ/FT/OUT/SQW
ABE and AFE Bits
AF Bit in Flags
Register
HIGH-Z
VSO
VPFD
trec
AI09164b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com