công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P568-080-ACT bảng dữ liệu(PDF) 2 Page - Tripp Lite. All Rights Reserved

tên linh kiện P568-080-ACT
Giải thích chi tiết về linh kiện  Active High-Speed HDMI Cable with Built-In Signal Booster, 1920 x 1080 (1080p) @ 60 Hz (M/M), Black, 80 ft.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P568-080-ACT bảng dữ liệu(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P568-080-ACT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P568-080-ACT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P568-080-ACT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
businesses and other applications that display HD video and multi-channel audio
Built-In Signal Booster for Long-Range Cable Needs
Allows a clear A/V transmission up to 80 ft.
q
Eliminates expense and effort of adding external repeater to cable run
q
Equalization control allows manual adjustment of display image
q
High Performance and Wide Compatibility
Supports HD video resolutions up to 1920 x 1080 (1080p) @ 60 Hz
q
Supports iPad2 video mirroring when used with Apple digital A/V adapter
q
Backward compatible with previous HDMI generations
q
Complies with HDCP v1.3 standards
q
Superior Quality Ensures a Flawless Signal
Corrosion-resistant gold-plated black connectors for optimal signal transfer
q
Fully molded 28 AWG construction with integral strain relief for durability and long life
q
Premium foil and braid shielding for EMI/RFI noise protection
q
Flexible PVC jacket easy to install in tight spaces
q
OVERVIEW
UPC Code
037332200679
INPUT
Cable Length (ft.)
80
Cable Length (m)
24.4
PHYSICAL
Shipping Dimensions (hwd / in.)
0.50 x 12.00 x 12.50
Shipping Dimensions (hwd / cm)
1.27 x 30.48 x 31.75
Shipping Weight (lbs.)
4.20
Shipping Weight (kg)
1.91
Color
Black
CONNECTIONS
Side A - Connector 1
(1) HDMI (MALE)
Side B - Connector 1
(1) HDMI (MALE)
2 / 3



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com