| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PEMI8CSP/RT/P bảng dữ liệu(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMI8CSP/RT/P bảng dữ liệu(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 17 page ![]() PEMIXCSP_FAM All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 27 January 2012 9 of 16 NXP Semiconductors PEMIxCSP family 4-, 6- and 8-channel passive filter network with ESD protection Fig 12. Package outline PEMI6CSP (WLCSP15) wlcsp15_6-3-6_po European projection WLCSP15: wafer level chip-size package; 15 bumps (6-3-6) detail X A A2 A1 D E bump A1 index area X e2 e e1 e3 b 12 4 36 5 A B C 1/2 e B1 B2 B3 Table 8. Package outline dimensions of PEMI6CSP Symbol Min Typ Max Unit A 0.570.610.65mm A1 0.18 0.20 0.22 mm A2 0.39 0.41 0.43 mm b 0.210.260.31mm D 2.312.362.41mm E 1.001.051.10mm e- 0.4 - mm e1 -0.346 -mm e2 -0.692 -mm e3 -0.8 -mm |