công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PEMIXCSP bảng dữ liệu(PDF) 8 Page - Nexperia B.V. All rights reserved

tên linh kiện PEMIXCSP
Giải thích chi tiết về linh kiện  Integrated 4-, 6- and 8-channel passive filter network with ESD protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMIXCSP bảng dữ liệu(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PEMIXCSP Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 8Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 9Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 10Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 11Page - Nexperia B.V. All rights reserved PEMIXCSP Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PEMIXCSP_FAM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 27 January 2012
7 of 16
NXP Semiconductors
PEMIxCSP family
4-, 6- and 8-channel passive filter network with ESD protection
8.
Marking
All dies are laser-marked with the following information (see Figure 9 and 10):
• A marker indicating the pin A1 position.
• Two lines of characters or numbers:
– The first line (placeholder <marking code>) indicates the marking code.
Mapping of product type numbers to marking codes is given in Table 6.
– The second line (placeholder <lot ID>) indicates the production lot.
This information enable to track a device down to a particular production date.
Fig 9.
PEMI4CSP and PEMI6CSP: outline of the marking
Fig 10. PEMI8CSP: outline of the marking
Table 6.
Marking codes
Type number
Marking code
Type number
Marking code
PEMI4CSP/RT
RT
PEMI6CSP/RW
RW
PEMI4CSP/RW
RW
PEMI8CSP/RT/P
RT
PEMI6CSP/RT
RT
PEMI8CSP/RW/P
RW
018aaa081
pin A1 marker
018aaa082
pin A1 marker
<marking code>
<lot ID>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17