công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AVC2T245 bảng dữ liệu(PDF) 4 Page - Nexperia B.V. All rights reserved

tên linh kiện 74AVC2T245
Giải thích chi tiết về linh kiện  2-bit dual supply translating transceiver with configurable voltage translation; 3-state
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC2T245 bảng dữ liệu(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AVC2T245 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC2T245 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Nexperia
74AVC2T245
2-bit dual supply translating transceiver with configurable voltage translation; 3-state
74AVC2T245
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 6 April 2017
4 / 23
7 Functional description
Table 4. Function table [1]
Supply voltage
Input
Input/output
VCC(A), VCC(B)
OE [2]
DIRn [2]
An [2]
Bn [2]
0.8 V to 3.6 V
L
L
An = Bn
input
0.8 V to 3.6 V
L
H
input
Bn = An
0.8 V to 3.6 V
H
X
Z
Z
GND [3]
X
X
Z
Z
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
The An, DIRn and OE input circuit is referenced to VCC(A); The Bn input circuit is referenced to VCC(B).
[3]
If at least one of VCC(A) or VCC(B) is at GND level, the device goes into suspend mode.
8 Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
-0.5
+4.6
V
VCC(B)
supply voltage B
-0.5
+4.6
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+4.6
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1] [2] [3]
-0.5
VCCO + 0.5
V
VO
output voltage
Suspend or 3-state mode
[1]
-0.5
+4.6
V
IO
output current
VO = 0 V to VCCO
[2]
-
±50
mA
ICC
supply current
ICC(A) or ICC(B)
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
-
250
mW
[1]
The minimum input voltage ratings and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output port.
[3]
VCCO + 0.5 V should not exceed 4.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com