công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PESD1USB3S bảng dữ liệu(PDF) 8 Page - Nexperia B.V. All rights reserved

tên linh kiện PESD1USB3S
Giải thích chi tiết về linh kiện  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD1USB3S bảng dữ liệu(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PESD1USB3S Datasheet HTML 4Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 5Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD1USB3S Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
7. Application information
The device is designed to provide high-level ESD protection for differential high-speed data line
pairs such as:
• USB 3.2
• HDMI 2.0
• Transition-Minimized Differential Signaling (TMDS)
• DisplayPort
• external Serial Advanced Technology Attachment (eSATA)
• Low Voltage Differential Signaling (LVDS)
When designing the Printed-Circuit Board (PCB), give careful consideration to impedance matching
and signal coupling. Do not connect the protected signal lines to unlimited current sources like, for
example, a battery.
Fig. 14. Application diagram: protecting the differential data lines of a USB Type-C
connector evaluation dongle with PESD1USB3S
Since the SuperSpeed TX/RX lines are separated by GND or VBUS from the Hi-Speed lines,
PESD1USB3S makes it easy to achieve same signal lengths, straight routing, and optimal
positioning for ESD protection directly at the connector.
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
8 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16