công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC3G16DP bảng dữ liệu(PDF) 1 Page - Nexperia B.V. All rights reserved

tên linh kiện 74LVC3G16DP
Giải thích chi tiết về linh kiện  Triple buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC3G16DP bảng dữ liệu(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC3G16DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC3G16DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74LVC3G16 provides three buffers.
The inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of
the 74LVC3G16 as a translator in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing a damaging backflow current through the device
when it is powered down.
2.
Features and benefits
Wide supply voltage range from 1.65 V to 5.5 V
5 V tolerant input/output for interfacing with 5 V logic
High noise immunity
Complies with JEDEC standard:
JESD8-7 (1.65 V to 1.95 V)
JESD8-5 (2.3 V to 2.7 V)
JESD8B/JESD36 (2.7 V to 3.6 V)
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
24 mA output drive (V
CC =3.0 V)
CMOS low power consumption
Latch-up performance exceeds 250 mA
Direct interface with TTL levels
Multiple package options
Specified from
40 C to +85 C and 40 C to +125 C
74LVC3G16
Triple buffer
Rev. 2 — 11 October 2016
Product data sheet


Số phần tương tự - 74LVC3G16DP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVC3G14 PHILIPS-74LVC3G14 Datasheet
91Kb / 17P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 03-31 January 2005
74LVC3G14 NXP-74LVC3G14 Datasheet
99Kb / 17P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 05-5 October 2007
74LVC3G14 NXP-74LVC3G14 Datasheet
113Kb / 18P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 07-12 June 2008
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC3G14 NEXPERIA-74LVC3G14 Datasheet
277Kb / 18P
Triple inverting Schmitt trigger with 5 V tolerant input
Rev. 16 - 31 July 2019
More results

Mô tả tương tự - 74LVC3G16DP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
TRIPLE BUFFER
Jun-2003
74V2T70 STMICROELECTRONICS-74V2T70 Datasheet
124Kb / 7P
TRIPLE BUFFER
Jun-2003
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16 Datasheet
89Kb / 8P
Triple Buffer
November, 2003 ??Rev. 2
NL37WZ16 ONSEMI-NL37WZ16_06 Datasheet
69Kb / 5P
Triple Buffer
April, 2006 ??Rev. 4
logo
NXP Semiconductors
74LVC3G34 NXP-74LVC3G34 Datasheet
87Kb / 14P
Triple buffer
Rev. 05-5 October 2007
74LVC3G34 NXP-74LVC3G34_08 Datasheet
100Kb / 16P
Triple buffer
Rev. 07-9 May 2008
logo
ON Semiconductor
NL37WZ16 ONSEMI-NL37WZ16_12 Datasheet
105Kb / 5P
Triple Buffer
April, 2012 ??Rev. 7
NL37WZ16 ONSEMI-NL37WZ16_14 Datasheet
69Kb / 5P
Triple Buffer
July, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVC3G34-Q100 NEXPERIA-74LVC3G34-Q100 Datasheet
200Kb / 11P
Triple buffer
74LVC3G34 NEXPERIA-74LVC3G34 Datasheet
258Kb / 16P
Triple buffer
Rev. 14 - 25 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com