| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC2142 bảng dữ liệu(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2142 bảng dữ liệu(HTML) 29 Page - NXP Semiconductors |
|
29 / 38 page ![]() 9397 750 14985 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Preliminary data sheet Rev. 01 — 3 October 2005 29 of 38 Philips Semiconductors LPC2141/42/44/46/48 Single-chip 16-bit/32-bit microcontrollers [7] The absolute error (ET) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated ADC and the ideal transfer curve. See Figure 6. [8] See Figure 7. (1) Example of an actual transfer curve. (2) The ideal transfer curve. (3) Differential linearity error (ED). (4) Integral non-linearity (EL(adj)). (5) Center of a step of the actual transfer curve. Fig 6. ADC characteristics 002aab136 1023 1022 1021 1020 1019 (2) (1) 1024 1018 1019 1020 1021 1022 1023 7 123456 7 6 5 4 3 2 1 0 1018 (5) (4) (3) 1 LSB (ideal) code out VDDA − VSSA 1024 offset error EO gain error EG offset error EO Via (LSBideal) 1 LSB = |