công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPC900ZPC bảng dữ liệu(PDF) 39 Page - Texas Instruments

tên linh kiện DLPC900ZPC
Giải thích chi tiết về linh kiện  DLPC900 Digital Controller for Advanced Light Control
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900ZPC bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button DLPC900ZPC Datasheet HTML 35Page - Texas Instruments DLPC900ZPC Datasheet HTML 36Page - Texas Instruments DLPC900ZPC Datasheet HTML 37Page - Texas Instruments DLPC900ZPC Datasheet HTML 38Page - Texas Instruments DLPC900ZPC Datasheet HTML 39Page - Texas Instruments DLPC900ZPC Datasheet HTML 40Page - Texas Instruments DLPC900ZPC Datasheet HTML 41Page - Texas Instruments DLPC900ZPC Datasheet HTML 42Page - Texas Instruments DLPC900ZPC Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
Port 1
Port 2
Peripherals
GPIO
I2C
USB
PWM
UART
Memory
Controller
DRAM
SSP
DMD
Controller
Pixel
Data
Processing
CPU BUS
MEMORY DMA BUS
Formatter
LED
Triggers
Pattern
Sequencer
ARM
PLL
Reset
JTAG
ICE
Clock
RAM
Flash
Interface
Digital Input
PLLD
PLLM
PLLS
Crystal
POSENSE
PWRGOOD
JTAG
LED
Triggers
DMD Control and
Data Interface
Debug
PWM
USB
I2C
GPIO
Digital Input
GND
VDD33
VDDC
VDD18
DMD
Serial Interface
39
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The DLPC900 controller processes the digital input image and converts the data into the digital format needed by
the DLP9000 or the DLP6500. The DLP9000 and the DLP6500 reflect light by using binary pulse-width-
modulation (PWM) for each micromirror. For further details, refer to the DLP9000 or the DLP6500 data sheets.
The DLPC900 combined with a DLP6500 supports a wide variety of resolutions from SVGA to 1080p. When
accurate pattern display is needed, a native 1080p resolution source is used for a one-to-one association with
the corresponding micromirror on the DLP6500.
The DLPC900 combined with a DLP9000 supports only native WQXGA resolution for a one-to-one association
with the corresponding micromirror on the DLP9000. Both combinations are well-suited for structured light,
additive manufacturing, or digital exposure applications.
7.2 Functional Block Diagram
Figure 15. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com