| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCDB2000 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCDB2000 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 33 page ![]() DAP = GND CK17 _P CK17 _N CK18 _P CK18 _N NC NC NC NC NC NC NC NC NC NC NC VDD SBEN CK16 _N CK16 _P CK19 _P CK19 _N CLKIN _P CLKIN _N VDD _A CK0 _P CK0 _N CK1 _P CK1 _N VDD CK2 _P CK2 _N CK3 _P CK3 _N SMB DAT SMB CLK CK4 _P CK4 _N CK5 _P CK5 _N CK6 _P CK6 _N NC VDD OE6# CLK OE5# DATA CK7 _P CK7 _N CK8 _P CK8 _N CK9 _P CK9 _N OE9# CK10 _P CK10 _N NC NC OE7# OE8# NC NC OE11# OE10# SHFT _LD# VDD CK11 _P CK11 _N CK12 _P CK12 _N OE12# CK13 _P CK13 _N NC SADR 1 NC VDD SADR 0 CK14 _P CK15 _P CK15 _N CK14 _N CKPW RGD _PD# A B C D E F G H J K L M A B C D E F G H J K L M 1 2 3 4 5 6 7 8 9 10 11 12 1 2 3 4 5 6 7 8 9 10 11 12 3 CDCDB2000 www.ti.com SNAS787 – NOVEMBER 2019 Product Folder Links: CDCDB2000 Submit Documentation Feedback Copyright © 2019, Texas Instruments Incorporated 5 Pin Configuration and Functions CDCDB2000 NPP Package 80-Pin TLGA Top View Pin Functions PIN I/O TYPE DESCRIPTION NAME NO. INPUT CLOCK CLKIN_P G1 I LP-HCSL differential clock input. Typically connected directly to the differential output of clock source. CLKIN_N H1 I OUTPUT CLOCKS CK0_P J1 O LP-HCSL differential clock output of channel 0. Typically connected directly to PCIe differential clock input. If unused, the pins can be left no connect. CK0_N K1 O CK1_P L1 O LP-HCSL differential clock output of channel 1. Typically connected directly to PCIe differential clock input. If unused, the pins can be left no connect. CK1_N M1 O CK2_P M2 O LP-HCSL differential clock output of channel 2. Typically connected directly to PCIe differential clock input. If unused, the pins can be left no connect. CK2_N M3 O CK3_P M4 O LP-HCSL differential clock output of channel 3. Typically connected directly to PCIe differential clock input. If unused, the pins can be left no connect. CK3_N M5 O CK4_P M7 O LP-HCSL differential clock output of channel 4. Typically connected directly to PCIe differential clock input. If unused, the pins can be left no connect. CK4_N M8 O |