| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS950208 bảng dữ liệu(PDF) 18 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950208 bảng dữ liệu(HTML) 18 Page - Integrated Circuit Systems |
|
18 / 19 page ![]() 18 Integrated Circuit Systems, Inc. ICS950208 0464B—08/04/03 All 3V66 clocks are to be in pphase with each other. In the case where 3V66_1 is configured as 48MHz VCH clock, there is no defined phase relationship between 3V66_1/VCH and other 3V66 clocks. The PCI group should lag 3V66 by the standard skew described below as Tpci. Un-Buffered Mode 3V66 & PCI Phase Relationship 3V66 PCICLK_F and PCICLK Tpci |