công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

54LS164 bảng dữ liệu(PDF) 1 Page - Silicon Supplies

tên linh kiện 54LS164
Giải thích chi tiết về linh kiện  Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SS [Silicon Supplies]
Trang chủ  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54LS164 bảng dữ liệu(HTML) 1 Page - Silicon Supplies

  54LS164 Datasheet HTML 1Page - Silicon Supplies 54LS164 Datasheet HTML 2Page - Silicon Supplies 54LS164 Datasheet HTML 3Page - Silicon Supplies 54LS164 Datasheet HTML 4Page - Silicon Supplies 54LS164 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1060 x 1690
74 x 67
µm
mils
Minimum Bond Pad Size
110 x 110
4.33 x 4.33
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Low Power Schottky Logic – 74LS164
8-Bit Serial-Input / Parallel-Output Shift Register in bare die form
Rev 1.0
24/11/17
Aysnchronous Master Reset
Gated Serial Data Input
Fully Synchronous Data Transfers
Direct drop-in replacement for obsolete
components in long term programs.
Industrial temperature range.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54LS164
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Description
The 74LS164 is fabricated on a 2µm 40V Bipolar process.
The device consists of x2 serial data inputs, A and B,
provided so that one input can be used as a data enable.
Data is entered on each rising edge of the clock. A LOW on
the master reset input (CLR) clears the register, forcing all
outputs LOW, independent of other inputs. All inputs are
equipped with Schottky clamp diodes to limit termination
effects & achieve high speed. These input circuits also
protect against static discharge & transient excess voltage.
 
Die Dimensions in µm (mils)
1880 (74)
Page 1 of 5 
www.siliconsupplies.com


Số phần tương tự - 54LS164

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
54LS164 NSC-54LS164 Datasheet
142Kb / 6P
8-Bit Serial In/Parallel Out Shift Registers
logo
Silicon Supplies
54LS164 SS-54LS164 Datasheet
442Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
334Kb / 5P
Low Power Schottky Logic
Rev 1.0 24/11/17
logo
National Semiconductor ...
54LS164DMQB NSC-54LS164DMQB Datasheet
142Kb / 6P
8-Bit Serial In/Parallel Out Shift Registers
54LS164FMQB NSC-54LS164FMQB Datasheet
142Kb / 6P
8-Bit Serial In/Parallel Out Shift Registers
More results

Mô tả tương tự - 54LS164

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Supplies
74LS04 SS-74LS04 Datasheet
435Kb / 4P
Low Power Schottky Logic
74LS86A SS-74LS86A Datasheet
513Kb / 4P
Low Power Schottky Logic
74LS138 SS-74LS138 Datasheet
520Kb / 4P
Low Power Schottky Logic
54LS04 SS-54LS04 Datasheet
331Kb / 4P
Low Power Schottky Logic
54LS86A SS-54LS86A Datasheet
409Kb / 4P
Low Power Schottky Logic
54LS138 SS-54LS138 Datasheet
350Kb / 4P
Low Power Schottky Logic
54HCT00 SS-54HCT00_V01 Datasheet
565Kb / 5P
Low Power Schottky Logic
54LS164 SS-54LS164 Datasheet
442Kb / 5P
Low Power Schottky Logic
54ALS51 SS-54ALS51 Datasheet
590Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 24/11/17
54ALS86 SS-54ALS86 Datasheet
503Kb / 4P
Advanced Low Power Schottky Logic
Rev 1.0 01/11/22
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com