công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AC244 bảng dữ liệu(PDF) 1 Page - Silicon Supplies

tên linh kiện 74AC244
Giải thích chi tiết về linh kiện  Advanced CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SS [Silicon Supplies]
Trang chủ  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74AC244 bảng dữ liệu(HTML) 1 Page - Silicon Supplies

  74AC244 Datasheet HTML 1Page - Silicon Supplies 74AC244 Datasheet HTML 2Page - Silicon Supplies 74AC244 Datasheet HTML 3Page - Silicon Supplies 74AC244 Datasheet HTML 4Page - Silicon Supplies 74AC244 Datasheet HTML 5Page - Silicon Supplies 74AC244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
Advanced CMOS Logic – 74AC244
 
Octal 3-State Non-Inverting Buffer / Line Driver / Line Receiver in bare die form
Rev 1.0
24/04/19
Outputs Source/Sink 24mA
Low input current: 1µA
3-State outputs
 
 
 
 
Outputs directly interface CMOS, NMOS and TTL
Operating voltage range: 2.0V to 6.0V
 
 
 
 
 
Lower power consumption & higher speed
Function compatible with 74HC244
Features:
Ordering Information
The following part suffixes apply:
 
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
 
For High Reliability versions of this product please see
 
54AC244
 
 
 
 
Die Size (Unsawn)
1750 x 1700
 
 
 
 
69 x 67
µm
mils
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
130 x 130
Minimum Bond Pad Size
5.12 x 5.12
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74AC244 is produced on a 1.5µm 5V CMOS process
combining high speed LSTTL performance with CMOS low
power. The device can be used as two 4-bit buffers or one
8-bit buffer & features non-inverting inputs with two output
enables, each controlling four of the 3-state outputs. The
device is designed to improve performance & density in
clock drivers, 3-state memory address drivers & bus
orientated transmitters and receivers. Inputs include clamp
diodes that enable the use of current limiting resistors to
interface inputs to voltages in excess of VCC. Device inputs
directly accept TTL without use of pull-up resistors.
Description
Die Dimensions in µm (mils)
1750 (69)
Page 1 of 6 
www.siliconsupplies.com


Số phần tương tự - 74AC244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74AC244 STMICROELECTRONICS-74AC244 Datasheet
79Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Apr-1997
logo
Fairchild Semiconductor
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC244 ONSEMI-74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
117Kb / 9P
Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
logo
STMicroelectronics
74AC244 STMICROELECTRONICS-74AC244 Datasheet
202Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Apr-2001
More results

Mô tả tương tự - 74AC244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Supplies
74AC139 SS-74AC139 Datasheet
739Kb / 6P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
74AC00 SS-74AC00 Datasheet
433Kb / 5P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
54AC273 SS-54AC273 Datasheet
456Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
74AC240 SS-74AC240_V01 Datasheet
412Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com