công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6482/E bảng dữ liệu(PDF) 3 Page - TEKTRONIX, INC.

tên linh kiện 6482/E
Giải thích chi tiết về linh kiện  Dual-Channel Picoammeter/ Voltage Source
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEKTRONIX [TEKTRONIX, INC.]
Trang chủ  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

6482/E bảng dữ liệu(HTML) 3 Page - TEKTRONIX, INC.

  6482/E Datasheet HTML 1Page - TEKTRONIX, INC. 6482/E Datasheet HTML 2Page - TEKTRONIX, INC. 6482/E Datasheet HTML 3Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A Greater Measure of Confidence
www.keithley.com
1.888.KEITHLEY (U.S. only)
6482
Dual-Channel Picoammeter/
Voltage Source
sPECIfICaTIoN CoNDITIoNs
This document contains specifications and supplemental information for the Model 6482 Dual-Channel Picoammeter/Voltage Source
instrument . Specifications are the standards against which the Model 6482 is tested . Upon leaving the factory, the Model 6482 meets
these specifications . Supplemental and typical values are nonwarranted, apply at 23°C, and are provided solely as useful information .
The Model 6482 provides two independent picoammeter/voltage source channels for a wide range of measurement applications. The
Model 6482 includes an analog output jack on the rear panel for each channel .
Source and measurement accuracies are specified at the Model 6482 terminals under these conditions:
1. 23° ± 5°C, <70 percent relative humidity.
2 . After a one-hour warm-up period .
3. Speed normal (1 NPLC).
4. A/D autozero enabled .
5. Properly zeroed operation .
6 . Calibration period: One year.
MEasurEMENT sPECIfICaTIoNs1
range
Maximum
resolution
accuracy 1, 2
23° ±5°C
±(% rdg + offset)
Temperature Coefficient
0°–18°C & 28°–50°C
±(%rdg + offset)/°C
DC Input
Impedance3
(maximum)
2 .000000 nA
1 fA
1.00% + 2 pA
0.01 + 200 fA
20 k
W
20.00000 nA
10 fA
0.40% + 2 pA
0.01 + 200 fA
20 k
W
200.0000 nA
100 fA
0.30% + 200 pA
0.02 + 20 pA
200
W
2 .000000 µA
1 pA
0.20% + 200 pA
0.02 + 20 pA
200
W
20.00000 µA
10 pA
0.10% + 20 nA
0.01 + 2 nA
2 .0
W
200.0000 µA
100 pA
0.10% + 20 nA
0.01 + 2 nA
2 .0
W
2 .000000 mA
1 nA
0.10% + 2 µA
0.02 + 200 nA
0.2
W
20.00000 mA
10 nA
0.10% + 2 µA
0.02 + 200 nA
0.2
W
VolTaGE bIas sPECIfICaTIoNs
range
resolution
accuracy
23°C ±5°C
Maximum
Current
load regulation 4
Temperature
Coefficient
±10 V
<400 µV
±(0.15% of setting + 5 mV)
20 mA
< 0.30%, 0 to 20 mA
150 ppm/°C
±30 V
<4 mV
±(0.3% of setting + 50 mV)
20 mA
< 0.30%, 0 to 20 mA
300 ppm/°C
aNaloG ouTPuT sPECIfICaTIoNs
OUTPUT VOLTAGE RANGE (output is inverting) 2: –10V out for positive full scale input, +10V out for negative full scale input .
OUTPUT IMPEDANCE: 1k
W typical.
range
accuracy
23°C ±5°C
±(% rdg. + offset)
Temperature Coefficient
0°–18°C & 28°–50°C
±(%rdg. + offset)/°C
Typical rise Time
(10% to 90%)
2 .000000 nA
6 .0% + 90 mV
0.30% + 7 mV
6 .1 ms
20.00000 nA
3.0% + 9 mV
0.11% + 700 µV
6 .1 ms
200.0000 nA
6 .0% + 90 mV
0.30% + 4 mV
395 µs
2 .000000 µA
3.0% + 9 mV
0.11% + 400 µV
395 µs
20.00000 µA
6 .0% + 90 mV
0.30% + 4 mV
135 µs
200.0000 µA
2 .5% + 9 mV
0.11% + 400 µV
135 µs
2 .000000 mA
6 .0% + 90 mV
0.30% + 4 mV
21 µs
20.00000 mA
2 .5% + 9 mV
0.11% + 400 µV
21 µs
TYPICal NoIsE floor MEasurEMENT sPECIfICaTIoNs
range
Typical Noise floor
rMs (1 sTDEV), 100 samples
0.01 NPlC
0.1 NPlC
1.0 NPlC
10 NPlC
2 .000000 nA
2 .5 pA
1.5 pA
45 fA
15 fA
20.00000 nA
2 .5 pA
1.5 pA
45 fA
15 fA
200.0000 nA
200 pA
120 pA
2 pA
500 fA
2 .000000 µA
200 pA
120 pA
2 pA
500 fA
20.00000 µA
20 nA
12 nA
200 pA
50 pA
200.0000 µA
20 nA
12 nA
200 pA
50 pA
2 .000000 mA
2 µA
1.5 µA
25 nA
5 nA
20.00000 mA
2 µA
1.5 µA
25 nA
5 nA
TYPICal sPEED aND NoIsE rEJECTIoN
Digits
readings per second
NPlC NMrr
GPIb
(sCPI)
GPIb
(488.1)
4½
700
900
0.01
—
5½
60
475
0.1
—
6½
58
58
1
60 dB
GENEral
SOURCE CAPACITANCE: Stable to 10.0nF (typical).
INPUT BIAS CURRENT 5: 50fA max . @ 23°C .
INPUT VOLTAGE BURDEN 6: 4.0mV maximum .
VOLTAGE SOURCE SLEW RATE: 3.0ms/V (typical).
COMMON MODE VOLTAGE: 200VDC .
COMMON MODE ISOLATION: Typically 109
W in parallel
with 150nF.
OVERRANGE: 105% of measurement range.
MEMORy BUFFER: 6000 readings (two 3000 point buf-
fers). Includes selected measured value(s) and time
stamp.
PROGRAMMABILITy: IEEE-488 .2, RS-232, five user-defin-
able power-up states plus factory default and *RST.
OUTPUT ENABLE CONNECTOR:
Output Enable: Active low input .
Input line: SOT (start of test) trigger input .
POWER SUPPLy: 100V, 120V, 220V, 240V (±10%), 50Hz or
60Hz, 50VA maximum .
WARRANTy: 1 year.
EMC: Conforms to European Union EMC Directive.
VIBRATION: MIL-T-28800F random class 3.
SAFETy: Conforms to European Union Low Voltage
Directive.
WARM-UP: 1 hour to rated accuracy.
DIMENSIONS:
Rack Mount: 89mm high × 213mm wide × 370mm
deep (3.5 in . × 8 .4 in . × 14.6 in .).
Bench Configuration (with handle and feet): 104mm
high × 238mm wide × 370mm deep (4.1 in . × 9.4 in .
× 14.6 in .).
WEIGHT: 23.1kg (10.5 lb.).
ENVIRONMENT: For indoor use only.
Altitude: Maximum 2000m (6562 ft .) above sea level .
Operating: 0° to 50°C, 70 % relative humidity up to
35°C . Derate 3% relative humidity/°C, 35° to 50°C .
Storage: –25° to 65°C .
NoTEs
1. Speed = Normal (1.0 NPLC), filter on .
2 . One year.
3. Measured as DVin/
∆Iin at full scale (and zero) input currents.
4 . Measured as DVin/
∆Iin at full scale (20mA) and zero load currents.
5. Specification by design .
6 . Measured (at input triaxial connector) as DVin at full scale (20mA)
versus zero input currents .



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com