công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM93LC86IN bảng dữ liệu(PDF) 2 Page - Anachip Corp

tên linh kiện AM93LC86IN
Giải thích chi tiết về linh kiện  16384-bits Serial Electrically Erasable PROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANACHIP [Anachip Corp]
Trang chủ  
Logo ANACHIP - Anachip Corp

AM93LC86IN bảng dữ liệu(HTML) 2 Page - Anachip Corp

  AM93LC86IN Datasheet HTML 1Page - Anachip Corp AM93LC86IN Datasheet HTML 2Page - Anachip Corp AM93LC86IN Datasheet HTML 3Page - Anachip Corp AM93LC86IN Datasheet HTML 4Page - Anachip Corp AM93LC86IN Datasheet HTML 5Page - Anachip Corp AM93LC86IN Datasheet HTML 6Page - Anachip Corp AM93LC86IN Datasheet HTML 7Page - Anachip Corp AM93LC86IN Datasheet HTML 8Page - Anachip Corp AM93LC86IN Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AM93LC86
16384-bits Serial Electrically Erasable PROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Oct 20, 2003
2/12
Block Diagram
Instruction
register
(13/14 bits)
Instruction
decode control
and
clock generation
Data register
Address register
V
CC range
detector
Write enable
Dummy bit
R/W AMPS
Decoder
High voltage
generator
EEPROM
array
(1024 X 16)
or
(2048 X 8)
DI
CS
SK
DO
ORG
WP
VCC
GND
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
TSTG
Storage temperature
-65 to +125
°C
VCC
Voltage with respect to ground
-0.3 to + 6.5
V
TOP
Temperature under bias
0 to + 70
°C
Note: These are stress rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the
part. Prolonged exposure to maximum ratings may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12