| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM93LC86IS bảng dữ liệu(PDF) 2 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AM93LC86IS bảng dữ liệu(HTML) 2 Page - Anachip Corp |
|
2 / 12 page ![]() AM93LC86 16384-bits Serial Electrically Erasable PROM (Preliminary) Anachip Corp. www.anachip.com.tw Rev 0.1 Oct 20, 2003 2/12 Block Diagram Instruction register (13/14 bits) Instruction decode control and clock generation Data register Address register V CC range detector Write enable Dummy bit R/W AMPS Decoder High voltage generator EEPROM array (1024 X 16) or (2048 X 8) DI CS SK DO ORG WP VCC GND Absolute Maximum Ratings Symbol Parameter Rating Unit TSTG Storage temperature -65 to +125 °C VCC Voltage with respect to ground -0.3 to + 6.5 V TOP Temperature under bias 0 to + 70 °C Note: These are stress rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the part. Prolonged exposure to maximum ratings may affect device reliability. |