| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P451SWM bảng dữ liệu(PDF) 23 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P451SWM bảng dữ liệu(HTML) 23 Page - ELAN Microelectronics Corp |
|
23 / 54 page ![]() EM78P451S 8-Bit Microcontroller with OTP ROM Product Specification (V1.0) 06.01.2004 • 19 (This specification is subject to change without further notice) 4.5.2 SPI Function Description R ead W rite SP IR re g SPIS re g sh ift righ t bit 0 bit 7 P res ca le r 4, 8, 16 , 3 2 , 64 SPIW re g P 92/S D I P 93/S D O P 9 5 / /S S P 94/S C K / SS Ed g e Se le c t Edg e Sele ct SPIC bit6 Ts c o TM R 1 /2 S B R2 ~ S BR0 8 C lo ck S e lect 2 No is e Filter SPIC re g S BR0 ~ S BR 2 RBF RBF I B u ffe r F u ll D e te c to r S e t to 1 SE Fig. 11 SPI Block Diagram 2 1 0 SPIC 7~0 SPIWB SPI Shift Buffer DATA BUS FOSC 1 0 T1CON 6 4 SPIC 1 0 4 SPIS SPIC SPI 7 2 INTC 7~0 SPIRB SDO SDI Shift Clock Fig. 12 The Function Block Diagram of SPI Transmission The following describes the function of each block and explains how to carry out the SPI communication with the signals depicted in Fig.11 and Fig.12: |