công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI6421 bảng dữ liệu(PDF) 203 Page - Texas Instruments

tên linh kiện PCI6421
Giải thích chi tiết về linh kiện  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI6421 bảng dữ liệu(HTML) 203 Page - Texas Instruments

Back Button PCI6421 Datasheet HTML 196Page - Texas Instruments PCI6421 Datasheet HTML 197Page - Texas Instruments PCI6421 Datasheet HTML 198Page - Texas Instruments PCI6421 Datasheet HTML 199Page - Texas Instruments PCI6421 Datasheet HTML 200Page - Texas Instruments PCI6421 Datasheet HTML 201Page - Texas Instruments PCI6421 Datasheet HTML 202Page - Texas Instruments PCI6421 Datasheet HTML 203Page - Texas Instruments PCI6421 Datasheet HTML 204Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 203 / 204 page
background image
11−1
11 Mechanical Information
The PCI6x21/PCI6x11 device is available in the 288-terminal MicroStar BGA
 package (GHK) or the 288-terminal
lead (Pb atomic number 82) free MicroStar BGA
 package (ZHK). The following figure shows the mechanical
dimensions for the GHK package. The GHK and ZHK packages are mechanically identical; therefore, only the GHK
mechanical drawing is shown.
GHK (S-PBGA-N288)
PLASTIC BALL GRID ARRAY
0,08
0,12
1,40 MAX
0,85
0,45
0,55
0,35
0,45
0,95
15,90
SQ
16,10
Seating Plane
7
J
B
A
1
D
C
E
G
F
H
24
3
6
5
T
K
M
L
P
N
R
W
U
V
12
8
9
10
11
15
14
13
16
17
14,40 TYP
18
19
4145273-4/E 08/02
A1 Corner
0,80
0,80
Bottom View
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. MicroStar BGA
 configuration.
MicroStar BGA is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More