công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS3810 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện CS3810
Giải thích chi tiết về linh kiện  32 QAM Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

CS3810 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CS3810 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS3810 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CS3810 32 QAM Demodulator
TEST DATA
BLLSTRB
Output
1
BLL output sample strobe, one cycle pulse every two clock cycles, indi-
cating the peak or transition samples after BLL lock is achieved
1: peak sample
0: transition sample
BLLIQ
Output
11
BLL output sample I, two's complement format
BLLQI
Output
11
BLL output sample Q, two's complement format
MAPI
Input
4
TCM decoder test input
MAPQ
Input
4
TCM decoder test input
MapStrb
Input
1
Active strobe signal used to sample MAPI and MAPQ
MapTest
Input
1
Static signal, when asserted MAPI and MAPQ are sampled otherwise
the demodulated data is decoded as normal
MICROPROCESSOR INTERFACE
DATA
Tri-state
16
16-bit data bus
ADDR
Input
5
5-bit address bus
ALE
Input
1
Address latch enable
CSB
Input
1
Chip select, level sensitive and active LOW
WRB
Input
1
Write/Read control signal
0: Write
1: Read
OEB
Input
1
Output enable, level sensitive and active LOW.
The demodulator drives the data bus only when both CSB and OEB are
active
Table 1: CS3810 32 QAM Demodulator Interface Signal Descriptions
Name
I/O
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com