công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XCC3235MODASM2MONR bảng dữ liệu(PDF) 89 Page - Texas Instruments

tên linh kiện XCC3235MODASM2MONR
Giải thích chi tiết về linh kiện  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

XCC3235MODASM2MONR bảng dữ liệu(HTML) 89 Page - Texas Instruments

Back Button XCC3235MODASM2MONR Datasheet HTML 85Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 86Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 87Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 88Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 89Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 90Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 91Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 92Page - Texas Instruments XCC3235MODASM2MONR Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
89
CC3235MODAS, CC3235MODASF
www.ti.com
SWRS233 – OCTOBER 2019
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Device and Documentation Support
Copyright © 2019, Texas Instruments Incorporated
9.5
Documentation Support
To receive notification of documentation updates — including silicon errata — go to the CC3235MOD
product folder on ti.com. In the upper-right corner, click on Alert me to receive a weekly digest of any
product information that has changed. For change details, check the revision history of any revised
document.
The current documentation that describes the processor, related peripherals, and other technical collateral
is as follows.
Application Reports
CC3135 and CC3235 SimpleLink™ Wi-Fi® Embedded Programming User Guide CC3135 and CC3235
SimpleLink Wi-Fi Embedded Programming User Guide
SimpleLink™ CC3135, CC3235 Wi-Fi® Internet-on-a chip™ Networking Sub-System Power
Management
This application report describes the best practices for power management and extended
battery life for embedded low-power Wi-Fi devices such as the SimpleLink Wi-Fi Internet-on-
a chip solution from Texas Instruments.
SimpleLink™ CC31xx, CC32xx Wi-Fi® Internet-on-a chip™ Solution Built-In Security Features
The
SimpleLink Wi-Fi CC31xx and CC32xx Internet-on-a chip family of devices from Texas
Instruments offer a wide range of built-in security features to help developers address a
variety of security needs, which is achieved without any processing burden on the main
microcontroller (MCU). This document describes these security-related features and provides
recommendations for leveraging each in the context of practical system implementation.
SimpleLink™ CC3135, CC3235 Wi-Fi® and Internet-of-Things Over-the-Air Update
This
document
describes the OTA library for the SimpleLink Wi-Fi CC3x35 family of devices from Texas
Instruments and explains how to prepare a new cloud-ready update to be downloaded by the
OTA library.
SimpleLink™ CC3135, CC3235 Wi-Fi® Internet-on-a chip™ Solution Device Provisioning This guide
describes the provisioning process, which provides the SimpleLink Wi-Fi device with the
information (network name, password, and so forth) needed to connect to a wireless
network.
Transfer of TI's Wi-Fi® Alliance Certifications to Products Based on SimpleLink™
This
document
explains how to employ the Wi-Fi® Alliance (WFA) derivative certification transfer policy to
transfer a WFA certification, already obtained by Texas Instruments, to a system you have
developed.
Using Serial Flash on SimpleLink™ CC3135 and CC3235 Wi-Fi® and Internet-of-Things Devices
This application note is divided into two parts. The first part provides important guidelines
and best- practice design techniques to consider when choosing and embedding a serial
Flash paired with the CC3135 and CC3235 (CC3x35) devices. The second part describes
the file system, along with guidelines and considerations for system designers working with
the CC3x35 devices.
More Literature
CC3220MODAx SimpleLink™ Wi-Fi® and Internet-of-Things Hardware Design Files
CC3x35x SimpleLink™ Wi-Fi® and Internet-of-Things Design Checklist



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com