| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CC3235MODASM2MON bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC3235MODASM2MON bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 100 page ![]() Copyright © 2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: CC3235MODAS CC3235MODASF 21 CC3235MODAS, CC3235MODASF www.ti.com SWRS233 – OCTOBER 2019 Table 4-2. Pin Attributes and Pin Multiplexing (continued) GENERAL PIN ATTRIBUTES FUNCTION PAD STATES Pkg. Pin Pin Alias Use Select as Wakeup Source Config. Addl. Analog Mux Muxed With JTAG Dig. Pin Mux Config. Reg. Dig. Pin Mux Config. Mode Value Signal Name Signal Description Signal Direction LPDS(1) Hib(2) nRESET = 0 23(4) SOP2 O only No No No GPIO_PAD_ CONFIG_ 25 (0x4402 E104) 0 GPIO25 GPIO O Hi-Z, Pull, Drive Driven Low Hi-Z 9 GT_PWM02 Pulse-width modulated O/P O Hi-Z, Pull, Drive 2 McAFSX I2S audio port frame sync O Hi-Z, Pull, Drive See (5) TCXO_EN Enable to optional external 40-MHz TCXO O 0 See (6) SOP2 Sense-on-power 2 I Hi-Z, Pull, Drive 24 SOP1 Config sense N/A N/A N/A N/A N/A SOP1 Sense-on-power 1 N/A N/A N/A N/A 25 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 26 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 27 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 28 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 29 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 30 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 31 NC WLAN analog N/A N/A N/A N/A N/A CC3235MODAx: NC N/A N/A N/A N/A N/A 32 GND GND N/A N/A N/A N/A N/A GND GND N/A N/A N/A N/A 33 NC WLAN analog N/A N/A N/A N/A NC Reserved 34 SOP0 Config sense N/A N/A N/A N/A N/A SOP0 Sense-on-power 0 N/A N/A N/A N/A 35 nRESET Global reset N/A N/A N/A N/A N/A nRESET Master chip reset. Active low. N/A N/A N/A N/A 36 VBAT_ RESET Global reset N/A N/A N/A N/A N/A VBAT_RESET VBAT to nRESET pullup resistor N/A N/A N/A N/A |