công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC3235MODAX bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện CC3235MODAX
Giải thích chi tiết về linh kiện  CC3235MODAx SimpleLink??Wi-Fi CERTIFIED??Dual-band Wireless MCU Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC3235MODAX bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button CC3235MODAX Datasheet HTML 6Page - Texas Instruments CC3235MODAX Datasheet HTML 7Page - Texas Instruments CC3235MODAX Datasheet HTML 8Page - Texas Instruments CC3235MODAX Datasheet HTML 9Page - Texas Instruments CC3235MODAX Datasheet HTML 10Page - Texas Instruments CC3235MODAX Datasheet HTML 11Page - Texas Instruments CC3235MODAX Datasheet HTML 12Page - Texas Instruments CC3235MODAX Datasheet HTML 13Page - Texas Instruments CC3235MODAX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
10
CC3235MODAS, CC3235MODASF
SWRS233 – OCTOBER 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3235MODAS CC3235MODASF
Device Comparison
Copyright © 2019, Texas Instruments Incorporated
3.1
Related Products
For information about other devices in this family of products or related products see the links below.
The SimpleLink™ MCU Portfolio
offers a single development environment that delivers flexible
hardware, software and tool options for customers developing wired and wireless
applications. With 100 percent code reuse across host MCUs, Wi-Fi®, Bluetooth® low
energy, Sub-1GHz devices and more, choose the MCU or connectivity standard that fits your
design. A one-time investment with the SimpleLink software development kit (SDK) allows
you to reuse often, opening the door to create unlimited applications.
SimpleLink™ Wi-Fi® Family The SimpleLink Wi-Fi Family offers several Internet-on-a chip solutions,
which address the need of battery operated, security enabled products. Texas instruments
offers a single chip wireless microcontroller and a wireless network processor which can be
paired with any MCU, to allow developers to design new wi-fi products, or upgrade existing
products with wi-fi capabilities.
BoosterPack™ Plug-In Modules
BoosterPack™ Plug-In Modules extend the functionality of TI
LaunchPad Kit. Application specific BoosterPack Plug in modules allow you to explore a
broad range of applications, including capacitive touch, wireless sensing, LED Lighting
control, and more. Stack multiple BoosterPack modules onto a single LaunchPad kit to
further enhance the functionality of your design.
Reference Designs for CC3200, CC3220, and CC3235 Modules TI Designs Reference Design Library
is a robust reference design library spanning analog, embedded processor and connectivity.
Created by TI experts to help you jump start your system design, all TI Designs include
schematic or block diagrams, BOMs and design files to speed your time to market.
SimpleLink™ Wi-Fi® CC3235 SDK The SDK contains drivers for the CC3235 programmable MCU,
sample applications, and documentation required to start development with CC3235x
solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com