| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RM2000B bảng dữ liệu(PDF) 2 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
RM2000B bảng dữ liệu(HTML) 2 Page - TEKTRONIX, INC. |
|
2 / 10 page ![]() See all the details other oscilloscopes might miss with Tektronix proprietary digital real- time sampling. Quickly perform an FFT with the advanced math functions. Designed to make your work easy The TDS2000C Series oscilloscopes are designed with the ease of use and familiar operation you have come to expect from Tektronix. Intuitive operation The intuitive user interface with dedicated per-channel vertical controls, auto-setup, and auto-ranging makes these instruments easy to use, reducing learning time and increasing efficiency. Help when you need it The built-in Help menu provides you with important information on your oscilloscope's features and functions. Help is provided in the same languages as the user interface. The context-sensitive Help system provides important information specific to the task you are working on. Probe check wizard Check out your probe compensation before making measurements with just one button that starts a fast, easy procedure. Limit test The oscilloscope can automatically monitor source signals and output Pass or Fail results by judging whether the input waveform is within predefined boundaries. Specific actions can be triggered on violation including stopping waveform acquisition, stopping Limit Test functions, saving the failed waveform data or screen image to a USB memory device, or any combination of the above. This is an ideal solution for manufacturing or service applications where you need to make decisions quickly. Datasheet 2 www.tek.com |